Part Number Hot Search : 
CM2039 LPV7215 2N5196 IRF45 KE39A G1251 2SK11 F9221
Product Description
Full Text Search
 

To Download CJ78L18-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Three-terminal Voltage Regulator
TO- 92
CJ78L18 Three-terminal positive voltage regulator
FEATURES Maximum Output current IOM: 0.1 A Output voltage Vo: 18 V
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless
1 23
1.OUT 2.GND 3.IN
otherwise specified(c) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol Vi TOPR TSTG Value 35 0 +125 -55 +150 Unlts V ae ae
UTC78L05 ELECTRICAL CHARACTERISTICS (VI=19V,Io=40mA,0ae Note : Bypass capacitors are recommended for optimum stability and transient respons e and should be located as close as possible to the regulators.
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of CJ78L18-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X